Part Number Hot Search : 
AT54C 6A501 TA1512PI 70072 70072 SP8544AN 56083 SMP17A
Product Description
Full Text Search
 

To Download R6020ANZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet R6020ANZ ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) low input capacitance. 3) high esd. ? application switching ? packaging specifications ? inner circuit package bulk code - basic ordering unit (pieces) 360 R6020ANZ ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 600 v gate-source voltage v gss ? 30 v continuous i d ? 20 a pulsed i dp ? 80 a continuous i s 20 a pulsed i sp 80 a avalanche current i as 10 a avalanche energy e as 26.7 mj power dissipation p d 120 w channel temperature t ch 150 ? c range of storage temperature t stg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l 500 ? h, v dd =50v, r g =25 ? , t ch =25c *3 limited only by maximum channel temperature allowed. *4 t c =25c ? thermal resistance symbol limits unit channel to case r th (ch-c) 1.04 ? c / w * t c =25c parameter type source current (body diode) drain current parameter *1 *1 (1) gate (2) drain (3) source ? 1 body diode *2 *2 *3 *4 *3 * 15.5 3.6 5.5 3.0 2.0 3.0 0.9 5.45 5.45 0.75 2.0 4.5 2.0 14.5 16.5 26.5 2.5 14.8 0.44 16.5 3.5 10.0 to-3pf (1) (2) (3) (1) (3) (2) ?1 (1) gate (2) drain (3) source 1/5 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
R6020ANZ ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = ? 30v, v ds =0v drain-source breakdown voltage v (br)dss 600 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss - - 100 ? av ds =600v, v gs =0v gate threshold voltage v gs (th) 2.95 - 4.15 v v ds =10v, i d =1ma forward transfer admittance l y fs l7 - - sv ds =10v, i d =10a input capacitance c iss - 2040 - pf v ds =25v output capacitance c oss - 1660 - pf v gs =0v reverse transfer capacitance c rss - 70 - pf f=1mhz turn-on delay time t d(on) - 40 - ns v dd 300v, i d =10a rise time t r - 60 - ns v gs =10v turn-off delay time t d(off) - 230 - ns r l =30 ? fall time t f - 70 - ns r g =10 ? total gate charge q g - 65 - nc v dd 300v gate-source charge q gs - 10 - nc i d =20a gate-drain charge q gd - 25 - nc v gs =10v *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =20a, v gs =0v *pulsed conditions ? parameter static drain-source on-state resistance r ds (on) i d =10a, v gs =10v - 0.17 0.22 parameter conditions * * * * * * * * * * 2/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R6020ANZ ? electrical characteristic curves 0.01 0.1 1 10 100 0.1 1 10 100 1000 p w = 10 ms ta = 25 c single pulse p w = 100 us p w = 1 ms operation in this area is limited by r ds(on) 0 0.1 0.2 0.3 0.4 0.5 -50 0 50 100 150 v gs = 10 v pulsed i d = 10 a i d = 20 a 0 5 10 15 20 0 1 2 3 4 5 ta= 25 c pulsed v gs = 4.5 v v gs = 5.0 v v gs = 5.5 v v gs = 6.0 v v gs = 6.5 v v gs = 7.0 v v gs = 8.0 v v gs = 10 v 0 5 10 15 20 25 30 35 40 0 10 20 30 40 50 ta= 25 c pulsed v gs = 10 v v gs = 5.0 v v gs = 4.5 v v gs = 6.0 v v gs = 7.0 v v gs = 6.5 v v gs = 5.5 v v gs = 8.0 v fig. 2 : typical output characteristics( ) 0.01 0.1 1 10 100 0 1 2 3 4 5 6 7 v ds = 10 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 fig. 4 typical transfer characteristics 0.01 0.1 1 10 0.001 0.1 10 v gs = 10 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 fig. 6 static drain - source on - state resistance vs. drain current 0 0.1 0.2 0.3 0.4 0.5 0 5 10 15 ta= 25 c pulsed i d = 10 a i d = 20 a fig. 7 static drain - source on - state resistance vs. gate source voltage 0.001 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 v ds = 10 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 fig. 9 forward transfer admittance vs. drain current fig. 3 : typical output characteristics( ) fig. 8 static drain - source on - state resistance vs. channel temperature fig. 5 gate threshold voltage vs. channel temperature 0 1 2 3 4 5 6 -50 0 50 100 150 v ds = 10 v i d = 1 ma drain - source voltage : v ds ( v ) drain current : i d (a) drain - source voltage: v ds (v) drain current: i d (a) drain - source voltage: v ds (v) drain current: i d (a) drain current : i d (a) static drain - source on - state resistance : r ds(on) ( ) channel temperature: t ch ( c) gate threshold voltage: v gs(th) (v) gate - source voltage : v gs (v) drain current : i d (a) gate - source voltage : v gs (v) static drain - source on - state resistance : r ds(on) ( ) channel temperature: t ch ( c) static drain - source on - state resistance : r ds(on) ( ) drain current : i d (a) forward transfer admittance : |yfs| (s) fig. 1 maximum safe operating aera 3/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R6020ANZ 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 ta = 25 c single pulse : 1 unit rth ch - a t = t rth ch - a rth ch - a = 27.3 c/w 10 100 1000 0.1 1 10 100 ta= 25 c di / dt= 100 a / s v gs = 0 v pulsed fig. 13 reverse recovery time vs.reverse drain current 0.01 0.1 1 10 100 0 0.5 1 1.5 v gs = 0 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 fig. 10 reverse drain current vs. sourse - drain voltage 0 5 10 0 10 20 30 40 50 60 70 ta= 25 c v dd = 300 v i d = 20 a r g = 10 pulsed fig. 12 dynamic input characteristics 1 10 100 1000 10000 0.01 0.1 1 10 100 1000 c iss c oss c rss ta= 25 c f= 1 mhz v gs = 0 v fig. 11 typical capacitance vs. drain - source voltage 1 10 100 1000 10000 0.01 0.1 1 10 100 t r t f t d(on) t d(off) ta= 25 c v dd = 300 v v gs = 10 v r g = 10 pulsed fig. 14 switching characteristics fig. 15 normalized transient thermal resistance vs. pulse width total gate charge : q g (nc) gate - source voltage : v gs (v) drain - source voltage : v ds (v) capacitance : c (pf) source - drain voltage : v sd (v) source current : i s (a) reverse drain current : i dr (a) reverse recovery time: t rr (ns) drain current : i d (a) switching time : t (ns) pulse width : pw(s) normarized transient thermal resistance : r (t) 4/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R6020ANZ ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 f ig.2-1 gate charge measurement circuit v gs i g(const.) r g v d s d.u.t. i d r l v dd 5/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of R6020ANZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X